PART |
Description |
Maker |
SP1481EEP SP1481EEN SP1481EMN SP1481E SP1481ECN SP |
5kV Enhanced Low Power Half-Duplex RS-485 Transceivers 5kV的增强低功耗半双工RS - 485收发 ±15kV Enhanced Low Power Half-Duplex RS-485 Transceivers 【15kV Enhanced Low Power Half-Duplex RS-485 Transceivers Enhanced Low Power Half-Duplex RS485 Transceivers
|
Exar, Corp. SIPEX[Sipex Corporation]
|
SP483ECP-L |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
Exar Corporation
|
SP3483CN_TR SP3483EN_TR SP348304 SP3483EP SP3483 S |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
SP3483 SP3483CN SP3483CP SP3483EN SP3483EP |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ISL8487E FN6051 |
1/4 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver From old datasheet system
|
Intersil
|
SP485CN_TR SP485ES SP481 SP481_04 SP481CN SP481CN_ |
Low Power Half-Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation] Exar Corporation
|
MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX1 |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN 5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
|
http:// Maxim Integrated Products
|
ADM4851ARZ-REEL7 ADM4852ACPZ-REEL7 ADM4850ARMZ ADM |
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers 5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
|
Analog Devices
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
IDT6116 IDT6116LA IDT6116LA120D IDT6116LA120DB IDT |
Enhanced JFET Precision Operational Amplifier 8-PDIP 0 to 70 的CMOS静态RAM 16K的(2K × 8位) Quad Enhanced JFET Low-Power Precision Operational Amplifier 14-PDIP -40 to 85 2K X 8 STANDARD SRAM, 20 ns, PDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 20 ns, PDIP24 Enhanced-JFET Low-Power Low-Offset Quad Operational Amplifier 14-PDIP -40 to 85 2K X 8 STANDARD SRAM, 35 ns, PDIP24 TRANS NPN 80VCEO 1A MT-3 的CMOS静态RAM 16K的(2K × 8位) Dual Enhanced JFET Precision Operational Amplifier 8-SOIC -40 to 85 的CMOS静态RAM 16K的(2K × 8位) CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 25 ns, PDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 120 ns, CDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 25 ns, CDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 35 ns, CDIP24 TRANS NPN LF 50VCEO .1A SS-MINI 的CMOS静态RAM 16K的(2K × 8位) 20 characters x 2 Lines, 5x7 Dot Matric Character and Cursor 的CMOS静态RAM 16K的(2K × 8位) Dual Enhanced JFET Low-Power Precision Operational Amplifier 8-PDIP -40 to 85 2K X 8 STANDARD SRAM, 45 ns, CDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 45 ns, PDSO24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 45 ns, PDIP24 Dual Enhanced JFET Low-Power Precision Operational Amplifier 8-PDIP -40 to 85 2K X 8 STANDARD SRAM, 45 ns, PDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 45 ns, CDIP24 Enhanced-JFET Low-Power Low-Offset Quad Operational Amplifier 14-SOIC 0 to 70 的CMOS静态RAM 16K的(2K × 8位) CMOS STATIC RAM 16K (2K x 8 BIT) 的CMOS静态RAM 16K的(2K × 8位) Enhanced-JFET Low-Power Low-Offset Dual Operational Amplifier 8-PDIP 0 to 70 Dual Enhanced JFET Low-Power Precision Operational Amplifier 8-SO 0 to 70 Enhanced-JFET Precision Operational Amplifier 8-SOIC 0 to 70 Enhanced-JFET Low-Power Low-Offset Dual Operational Amplifier 8-SOIC 0 to 70 CABLE SMA-RA/SMA-RA 36 RG-58 Quad Enhanced JFET Low-Power Precision Operational Amplifier 14-PDIP 0 to 70 Quad Enhanced JFET Low-Power Precision Operational Amplifier 14-SO 0 to 70 CABLE SMA/BNC 12 RG-142 Quad Enhanced JFET Low-Power Precision Operational Amplifier 14-SOIC -40 to 85 Enhanced-JFET Low-Power Low-Offset Quad Operational Amplifier 14-PDIP 0 to 70 Enhanced JFET Precision Operational Amplifier 8-SOIC 0 to 70 Dual Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC -40 to 85 Dual Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70
|
INTEGRATED DEVICE TECHNOLOGY INC AME, Inc. Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
|